Part Number Hot Search : 
K3543 AO9926BL NJM12902 NDSC1 Z225E STPSA42 NSSW088T 071CN
Product Description
Full Text Search
 

To Download NZT7053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7052 / 2N7053 / NZT7053
Discrete POWER & Signal Technologies
2N7052
2N7053
NZT7053
C
E C B
TO-92
E C B E
C
TO-226
B
SOT-223
NPN Darlington Transistor
This device is designed for applications requiring extremely high gain at collector currents to 1.0 A and high breakdown voltage. Sourced from Process 06.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
100 100 12 1.5 -55 to +150
Units
V V V A C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient 2N7052 625 5.0 83.3 200
Max
2N7053 1,000 8.0 125 50 *NZT7053 1,000 8.0 125
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
a 1997 Fairchild Semiconductor Corporation
2N7052 / 2N7053 / NZT7053
NPN Darlington Transistor
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICES IEBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current Collector-Cutoff Current Emitter-Cutoff Current IC = 1.0 mA, IB = 0 IC = 100 A, IE = 0 IE = 1.0 mA, IC = 0 VCB = 80 V, IE = 0 VCE = 80 V, IE = 0 VEB = 7.0 V, IC = 0 100 100 12 0.1 0.2 0.1 V V V A A A
ON CHARACTERISTICS*
hFE VCE(sat) VBE(on) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage IC = 100 mA, VCE = 5.0 V IC = 1.0 A, VCE = 5.0 V IC = 100 mA, IB = 0.1 mA IC = 100 mA, VBE = 5.0 V 10,000 1,000 20,000 1.5 2.0 V V
SMALL SIGNAL CHARACTERISTICS
FT Ccb Transition Frequency Collector-Base Capacitance IC = 100 mA, VCE = 5.0 V, VCB = 10 V,f = 1.0 MHz 2N7052 2N7053 200 10 8.0 MHz pF
*Pulse Test: Pulse Width 300 ms, Duty Cycle 1.0%
Typical Characteristics
100 80 60 40 20 0 0.001
125 C
V - COLLECTOR EMITTER VOLTAGE (V) CESAT
h FE - TYPICAL PULSED CURRENT GAIN (K)
Typical Pulsed Current Gain vs Collector Current
Collector-Emitter Saturation Voltage vs Collector Current
2 = 1000 1.6 1.2
- 40C
25 C - 40C
0.8 0.4 0 10
25 C 125 C
0.01 0.1 I C - COLLECTOR CURRENT (A)
1
100 I C - COLLECTOR CURRENT (mA)
P 06
1000
2N7052 / 2N7053 / NZT7053
NPN Darlington Transistor
(continued)
Typical Characteristics
(continued)
VBEON - BASE EMITTER ON VOLTAGE (V)
VBESAT- BASE EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
2 = 1000
- 40C 25 C 125 C
Base Emitter ON Voltage vs Collector Current
2 1.6 1.2 0.8 0.4 0 10
- 40C 25 C 125 C
1.6 1.2 0.8 0.4 0 10
VCE= 5V
100 I C - COLLECTOR CURRENT (mA)
1000
100 I C - COLLECTOR CURRENT (mA)
P 06
1000
Collector-Cutoff Current vs. Ambient Temperature
ICBO- COLLECTOR CURRENT (nA) VCB = 80V 10
Junction Capacitance vs Reverse Bias Voltage
JUNCTION CAPACITANCE (pF) 100
100
1
10
C ib
0.1
C cb
0.01 25
50 75 100 TA - AMBIENT TEMPERATURE ( C)
P 06
125
1 0.1
1 10 REVERSE BIAS VOLTAGE (V)
100
Typical Collector-Emitter Leakage Current vs Temperature
I CES - LEAKAGE CURRENT (nA) 1000
PD - POWER DISSIPATION (W) 1
Power Dissipation vs Ambient Temperature
VCE = 80V V BE = 0 100
SOT-223
0.75
TO-92
TO-226
10
0 .5
1
0.25
0.1
0
40 80 120 160 TJ - JUNCTION TEMPERATURE ( C)
0
0
25
50 75 100 TEMPERATURE ( o C)
125
150
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of NZT7053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X